PART |
Description |
Maker |
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2223A 2N2223 2N2915 2N2915A 2N2722 2N2453 2N2453 |
Leaded Small Signal Transistor Dual
|
Central Semiconductor
|
2N5189 |
Leaded Small Signal Transistor General Purpose NPN SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2N3701 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N5859 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
CM5943 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N6431 2N6430 2N6432 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
|